전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCR402UW6 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BCR402UW6
상세설명  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR402UW6 데이터시트(HTML) 2 Page - Diodes Incorporated

  BCR402UW6_18 Datasheet HTML 1Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 2Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 3Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 4Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 5Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 6Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 7Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 8Page - Diodes Incorporated BCR402UW6_18 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BCR402UW6
Document number: DS38543 Rev. 5 - 2
2 of 13
www.diodes.com
May 2018
© Diodes Incorporated
BCR402UW6
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
Code
E
F
G
H
I
J
k
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Absolute Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VS
40
V
Output Current
IOUT
100
mA
Output Voltage
VOUT
40
V
Reverse Voltage Between All Terminals
VR
0.5
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
1,190
mW
(Note 6)
912
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
105
°C/W
(Note 6)
137
Thermal Resistance, Junction to Lead
(Note 7)
RθJL
50
Recommended Operating Junction Temperature Range
TJ
-55 to +150
°C
Maximum Operating Junction and Storage Temperature Range
TJ , TSTG
-65 to +150
ESD Ratings (Note 8)
Characteristics
Symbols
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
800
V
1B
Electrostatic Discharge
– Machine Model
ESD MM
300
V
B
Notes:
5. For a device mounted with the OUT leads on 50mm x 50mm 2oz copper that is on a single-sided 1.6mm FR-4 PCB; device is measured under still
air conditions while operating in steady-state.
6. Same as Note 5, except mounted on 15mm x 15mm 1oz copper.
7.
RθJL = Thermal resistance from junction to solder-point (at the end of the OUT leads).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.
402 = Part Marking (See Ordering Information)
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
402
SOT26 (SC74R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com