| 전자부품 데이터시트 검색엔진 |
|
MAS6285 데이터시트(PDF) 9 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6285 데이터시트(HTML) 9 Page - Micro Analog systems |
|
9 / 12 page ![]() DA6285.002 11 November, 2010 9 (12) D/2 SEATING PLANE SIDE VIEW TOP VIEW D2 D2/2 L b BOTTOM VIEW D e PIN 1 MARK AREA EXPOSED PAD SHAPE OF PIN #1 IDENTIFICATION IS OPTIONAL PACKAGE OUTLINE (QFN-6) Symbol Min Nom Max Unit PACKAGE DIMENSIONS A 0.700 0.750 0.800 mm A1 0.000 0.020 0.050 mm A3 0.178 0.203 0.228 mm b 0.200 0.250 0.300 mm D 2.000 BSC mm D2 (Exposed pad) 1.350 1.400 1.450 mm E 2.000 BSC mm E2 (Exposed pad) 0.750 0.800 0.850 mm e 0.650 BSC mm L 0.300 0.350 0.400 mm Dimensions do not include mold or interlead flash, protrusions or gate burrs. |