전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS841 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74AS841
상세설명  10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AS841 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AS841 Datasheet HTML 1Page - Texas Instruments SN74AS841 Datasheet HTML 2Page - Texas Instruments SN74AS841 Datasheet HTML 3Page - Texas Instruments SN74AS841 Datasheet HTML 4Page - Texas Instruments SN74AS841 Datasheet HTML 5Page - Texas Instruments SN74AS841 Datasheet HTML 6Page - Texas Instruments SN74AS841 Datasheet HTML 7Page - Texas Instruments SN74AS841 Datasheet HTML 8Page - Texas Instruments SN74AS841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54ALS841, SN54AS841, SN54ALS842, SN54AS842
SN74ALS841, SN74AS841, SN74ALS842, SN74AS842
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SDAS059B – D2910, DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
’ALS842, ’AS842 logic symbol†
’ALS842, ’AS842 logic diagram (positive logic)
2
1D
2D
3
3D
4
4D
5
5D
6
6D
7
7D
8
8D
9
9D
10
10D
11
14
15
16
17
18
19
20
21
22
23
1D
C
13
OC
1
EN
10Q
9Q
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
1
OC
13
C
11
10D
10
9D
9
8D
8
7D
7
6D
6
5D
5
4D
4
3D
3
2D
1D
2
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
23
22
21
20
19
18
17
16
15
14
C1
1D
C1
1D
C1
1D
1D
C1
1D
C1
1D
C1
1D
C1
1D
C1
1D
C1
1D
C1
C1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for DW, JT, and NT packages.
absolute maximum ratings over operating free-air temperature range unless otherwise noted
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54ALS841, SN54AS841, SN54ALS842, SN54AS842
– 55
°C to 125°C
. . . . . .
SN74ALS841, SN74AS841, SN74ALS842, SN74AS842
0
°C to 70°C
. . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com