전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBPC25 데이터시트(PDF) 2 Page - Nell Semiconductor Co., Ltd

부품명 KBPC25
상세설명  Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC25 데이터시트(HTML) 2 Page - Nell Semiconductor Co., Ltd

  KBPC25_17 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC25_17 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC25_17 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
KBPC25
UNIT
420
08
560
700
840
600
800
1000
1200
06
12
10
600
800
1000
1200
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified output current (Fig.1)
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRMS
IFSM
VDC
IF(AV)
VISO
2
I t
TJ
2500
374
25
-40 to 150
300
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µ
A
SYMBOL
KBPC25
UNIT
08
06
12
10
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
Typical junction capacitance per diode
VF
IR
CJ
300
3000
1.1
5
pF
voltage per diode
TEST
CONDITIONS
THERMAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
°
C/W
SYMBOL
KBPC25
UNIT
08
06
12
10
Typical thermal resistance
(1) With heatsink
(1)
RθJC
1.9
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with
Notes
M5 screw
PRIMARY CHARACTERRISTICS
IF(AV)
25A
VRRM
600V to 1200V
1.1V
5 µA
150ºC
IFSM
IR
VF
TJ max.
300A
Storage temperature range
TSTG
-25 to 125
ºC
I = 12.5A
F
T = 25°C
A
4V, 1MHz
T = 150°C
A
Page 2 of 3
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
KBPC25



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com