| 전자부품 데이터시트 검색엔진 |
|
MSM58321 데이터시트(PDF) 2 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM58321 데이터시트(HTML) 2 Page - OKI electronic componets |
|
2 / 16 page ![]() ¡ Semiconductor MSM58321 8 PIN CONFIGURATION 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CS2 WRITE READ D0 D1 D2 D3 GND VDD XT XT CS1 TEST STOP BUSY ADDRESS WRITE 16 pin Plastic DIP (top View) Note: REGISTER TABLE Address Address input D0 (A0) D1 (A1) D2 (A2) D3 (A3) Register Name Data input/ output D0 D1 D2 D3 Count value Remarks 0 1 2 3 4 5 6 7 8 9 A B C D E~F D2 = 1 specifies PM, D2 = 0 specifies AM, D3 = 1 specifies 24-hour timer, and D3 = 0 specifies 12-hour timer. When D3 = 1 is written, the D2 bit is reset inside the IC. The D2 and D3 bits in D10 are used to select a leap year. A selector to reset 5 poststages in the 1/215 frequency divider and the BUSY circuit. They are reset when this code is latched with ADDRESS LATCH and the WRITE input goes to 1. A selector to obtain reference signal output. Reference signals are output to D0 – D3 when this code is latched with ADDRESS LATCH and READ input goes to 1. 0 1 0 1 0 0 0 1 1 0 0 0 0 0 1 0 0 0 0 0 S1 S10 MI1 MI10 H1 * * * * * * * * * * * * * * * * * * 0 1 0 1 0 1 0 1 1 0 0 1 1 0 1 1 0 0 0 0 1 0 0 1 1 1 1 1 10 1 0 H10 W D1 D10 MO1 MO10 Y1 Y10 ** ** * * * * * * * * * * * * * * * * * * * * * * * * Calendar D2 D3 Remainder obtained by dividing the year number by 4 Gregorian calendar 0 1 0 1 0 0 1 1 0 3 2 1 0~1 or 0~2 0 to 9 0 to 5 0 to 9 0 to 5 0 to 9 0 to 6 0 to 9 0 to 3 0 to 9 0 to 1 0 to 9 0 to 9 10 1 1 0/1 1 1 1 (1) There are no bits in blank fields for data input/output. 0 signals are output by reading and data is not stored by writing because there are no bits. The bit with marked * is used to select the 12/24-hour timer and the bits marked * are used to select a leap year. These three bits can be read or written. When signals are input to bus lines D0 – D3 and ADDRESS WRITE goes to 1 for address input, ADDRESS information is latched with ADDRESS LATCH. (2) (3) |