전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SWM12-5-N 데이터시트(PDF) 1 Page - CUI INC

부품명 SWM12-5-N
상세설명  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

SWM12-5-N 데이터시트(HTML) 1 Page - CUI INC

  SWM12-5-N Datasheet HTML 1Page - CUI INC SWM12-5-N Datasheet HTML 2Page - CUI INC SWM12-5-N Datasheet HTML 3Page - CUI INC SWM12-5-N Datasheet HTML 4Page - CUI INC SWM12-5-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 01/24/2018
page 1 of 5
SERIES: SWM12-N
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWM12-5-N
5
2.4
12
100
VI
SWM12-6-N
6
2.0
12
120
VI
SWM12-9-N
9
1.33
12
180
VI
SWM12-12-N
12
1.0
12
250
VI
SWM12-15-N
15
0.8
12
250
VI
SWM12-18-N
18
0.66
12
350
VI
SWM12-24-N
24
0.50
12
350
VI
Notes:
1.Atfullload,100~240Vacinput,20MHzbandwidthoscilloscope,outputterminatedwithalowESR47μFelectrolyticand0.1μFmultilayercapacitor.
FEATURES
• up to 12 W power
• UL60601 4th edition
• compact vertical or horizontal mount
• universal input (90~264 Vac)
• single regulated output from 5~24 Vdc
• over voltage and short circuit protections
•DOELevelVIefficiency
• 2 MOPP compliant
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWM12 - XX - N X - XXX - CXX
DCPlugType:
XXX = See output plug options
on page 4 for more details
Output Voltage
ACInputType:
North America
Orientation:
H = horizontal
V = vertical
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


유사한 부품 번호 - SWM12-5-N

제조업체부품명데이터시트상세설명
logo
CUI INC
SWM12-5-N CUI-SWM12-5-N Datasheet
494Kb / 5P
AC-DC POWER SUPPLY
04/26/2021
More results

유사한 설명 - SWM12-5-N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com