| 전자부품 데이터시트 검색엔진 |
|
AD1837AASZ 데이터시트(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1837AASZ 데이터시트(HTML) 6 Page - Analog Devices |
|
6 / 24 page ![]() REV. A AD1837A –6– TEMPERATURE RANGE Parameter Min Typ Max Unit Specifications Guaranteed 25 ∞C Functionality Guaranteed –40 +85 ∞C Storage –65 +150 ∞C CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1837A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS * (TA = 25 ∞C, unless otherwise noted.) AVDD, DVDD, ODVDD to AGND, DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V Digital I/O Voltage to DGND . . . –0.3 V to ODVDD + 0.3 V Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . –40 ∞C to +85∞C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Model Temperature Range Package Description Package Option AD1837AAS –40 oC to +85oC 52-Lead MQFP S-52-1 AD1837AAS-REEL –40 oC to +85oC 52-Lead MQFP S-52-1 AD1837AASZ * –40 oC to +85oC 52-Lead MQFP S-52-1 AD1837AASZ-REEL * –40 oC to +85oC 52-Lead MQFP S-52-1 EVAL-AD1837AEB Evaluation Board *Z = Pb free part. |