| 전자부품 데이터시트 검색엔진 |
|
74AC138SC 데이터시트(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74AC138SC 데이터시트(HTML) 3 Page - ON Semiconductor |
|
3 / 11 page ![]() www.fairchildsemi.com 2 Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Functional Description The AC/ACT138 high-speed 1-of-8 decoder/demultiplexer accepts three binary weighted inputs (A0, A1, A2) and, when enabled, provides eight mutually exclusive active- LOW outputs (O0–O7). The AC/ACT138 features three Enable inputs, two active-LOW (E1, E2) and one active- HIGH (E3). All outputs will be HIGH unless E1 and E2 are LOW and E3 is HIGH. This multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to 32 lines) decoder with just four AC/ACT138 devices and one inverter (see Figure 1). The AC/ACT138 can be used as an 8-output demultiplexer by using one of the active LOW Enable inputs as the data input and the other Enable inputs as strobes. The Enable inputs which are not used must be permanently tied to their appropriate active-HIGH or active-LOW state. Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. FIGURE 1. Expansion to 1-of-32 Decoding Inputs Outputs E1 E2 E3 A0 A1 A2 O0 O1 O2 O3 O4 O5 O6 O7 H X X X X X HHH HHH HH X H X X X X HHH HHH HH X X L X X X HHH HHH HH LL H LLL L H H H H H H H L L H H L L H L H HHH HH L L H L H L HH L HHH HH L L HH H L H H H L H HH H L L H L L H HHH H L H HH L L H H L H HHH HH L HH L L H L HH HHH HHH L H L L H HHH HHH HHH H L |