전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GA4F3M 데이터시트(PDF) 3 Page - NEC

부품명 GA4F3M
상세설명  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

GA4F3M 데이터시트(HTML) 3 Page - NEC

  GA4F3M Datasheet HTML 1Page - NEC GA4F3M Datasheet HTML 2Page - NEC GA4F3M Datasheet HTML 3Page - NEC GA4F3M Datasheet HTML 4Page - NEC GA4F3M Datasheet HTML 5Page - NEC GA4F3M Datasheet HTML 6Page - NEC GA4F3M Datasheet HTML 7Page - NEC GA4F3M Datasheet HTML 8Page - NEC GA4F3M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet D16494EJ2V0DS
3
GA4xxx
Note 3
PART NUMBER
R1
R2
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
GA4A4M
7.00
10.00
13.00
7.00
10.00
13.00
k
Ω
GA4F4M
15.40
22.00
28.60
15.40
22.00
28.60
k
Ω
GA4L4M
32.90
47.00
61.10
32.90
47.00
61.10
k
Ω
GA4L3M
3.29
4.70
6.11
3.29
4.70
6.11
k
Ω
GA4L3N
3.29
4.70
6.11
7.00
10.00
13.00
k
Ω
GA4L3Z
3.29
4.70
6.11
k
Ω
GA4A3Q
0.70
1.00
1.30
7.00
10.00
13.00
k
Ω
GA4A4P
7.00
10.00
13.00
32.90
47.00
61.10
k
Ω
GA4F4N
15.40
22.00
28.60
32.90
47.00
61.10
k
Ω
GA4L4L
32.90
47.00
61.10
15.40
22.00
28.60
k
Ω
GA4A4Z
7.00
10.00
13.00
k
Ω
GA4F4Z
15.40
22.00
28.60
k
Ω
GA4L4Z
32.90
47.00
61.10
k
Ω
GA4F3M
1.54
2.20
2.86
1.54
2.20
2.86
k
Ω
GA4F3P
1.54
2.20
2.86
7.00
10.00
13.00
k
Ω
GA4F3R
1.54
2.20
2.86
32.90
47.00
61.10
k
Ω
GA4A4L
7.00
10.00
13.00
3.29
4.70
6.11
k
Ω
GA4L4K
32.90
47.00
61.10
7.00
10.00
13.00
k
Ω
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
50
100
150
200
250
0
50
100
150
200
TA - Ambient Temperature -
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22