| 전자부품 데이터시트 검색엔진 |
|
DDR110-56T7RL 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
DDR110-56T7RL 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 5 page ![]() ® DDR110-xxT7RL 4/5 Pin # Assignement for DDR Termination Pin # Assignement for DDR Termination 1 V SS = GND 24 V CC 2 A0 23 B0 3 A1 22 B1 4 A2 21 B2 5 A3 20 B3 6 A4 19 B4 7 A5 18 B5 8 A6 17 B6 9 A7 16 B7 10 A8 15 B8 11 A9 14 B9 12 Termination enable HIGH 13 Not Connected PIN ASSIGNEMENT 1 2 5 3 4 6 7 8 9 10 11 12 24 13 14 15 16 17 18 19 20 21 22 23 DDR1 10 - 27 T7 RL Double Data Rate Single switch 10-BIT Wide Rs value in 27 , 56 Ω ΩΩ Package code T7: TSSOP24 Tape & Reel OTHER INFORMATION |