| 전자부품 데이터시트 검색엔진 |
|
PIC18F4420E/SPQTP 데이터시트(PDF) 130 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4420E/SPQTP 데이터시트(HTML) 130 Page - Microchip Technology |
|
130 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 128 Preliminary 2004 Microchip Technology Inc. 12.1 Timer1 Operation Timer1 can operate in one of these modes: •Timer • Synchronous Counter • Asynchronous Counter The operating mode is determined by the clock select bit, TMR1CS (T1CON<1>). When TMR3CS is cleared (= 0), Timer1 increments on every internal instruction cycle (Fosc/4). When the bit is set, Timer1 increments on every rising edge of the Timer1 external clock input or the Timer1 oscillator, if enabled. When Timer1 is enabled, the RC1/T1OSI and RC0/ T1OSO/T13CKI pins become inputs. This means the values of TRISC<1:0> are ignored and the pins are read as ‘0’. FIGURE 12-1: TIMER1 BLOCK DIAGRAM FIGURE 12-2: TIMER1 BLOCK DIAGRAM (16-BIT READ/WRITE MODE) T1SYNC TMR1CS T1CKPS1:T1CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock On/Off Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI 1 0 TMR1ON TMR1L Set TMR1IF on Overflow TMR1 High Byte Clear TMR1 (CCP Special Event Trigger) Timer1 Oscillator Note 1: When enable bit, T1OSCEN, is cleared, the inverter and feedback resistor are turned off to eliminate power drain. On/Off Timer1 Timer1 Clock Input T1SYNC TMR1CS T1CKPS1:T1CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI Note 1: When enable bit, T1OSCEN, is cleared, the inverter and feedback resistor are turned off to eliminate power drain. 1 0 TMR1L Internal Data Bus 8 Set TMR1IF on Overflow TMR1 TMR1H High Byte 8 8 8 Read TMR1L Write TMR1L 8 TMR1ON Clear TMR1 (CCP Special Event Trigger) Timer1 Oscillator On/Off Timer1 Timer1 Clock Input |