| 전자부품 데이터시트 검색엔진 |
|
PIC18F4420E/SPQTP 데이터시트(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4420E/SPQTP 데이터시트(HTML) 19 Page - Microchip Technology |
|
19 / 390 page ![]() 2004 Microchip Technology Inc. Preliminary DS39631A-page 17 PIC18F2420/2520/4420/4520 PORTA is a bidirectional I/O port. RA0/AN0 RA0 AN0 219 19 I/O I TTL Analog Digital I/O. Analog input 0. RA1/AN1 RA1 AN1 320 20 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF-/CVREF RA2 AN2 VREF- CVREF 421 21 I/O I I O TTL Analog Analog Analog Digital I/O. Analog input 2. A/D reference voltage (low) input. Comparator reference voltage output. RA3/AN3/VREF+ RA3 AN3 VREF+ 522 22 I/O I I TTL Analog Analog Digital I/O. Analog input 3. A/D reference voltage (high) input. RA4/T0CKI/C1OUT RA4 T0CKI C1OUT 623 23 I/O I O ST ST — Digital I/O. Timer0 external clock input. Comparator 1 output. RA5/AN4/SS/HLVDIN/ C2OUT RA5 AN4 SS HLVDIN C2OUT 724 24 I/O I I I O TTL Analog TTL Analog — Digital I/O. Analog input 4. SPI slave select input. High/Low-Voltage Detect input. Comparator 2 output. RA6 See the OSC2/CLKO/RA6 pin. RA7 See the OSC1/CLKI/RA7 pin. TABLE 1-3: PIC18F4420/4520 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when configuration bit CCP2MX is cleared. |