| 전자부품 데이터시트 검색엔진 |
|
2SA1841 데이터시트(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
2SA1841 데이터시트(HTML) 5 Page - NEC |
|
5 / 6 page ![]() Data Sheet D15590EJ3V0DS 5 2SA1841 PACKAGE DRAWING (Unit: mm) MP-10 TAPING SPECIFICATION 13 2 1: Base 2: Collector 3: Emitter 1.4 ±0.2 1.4 ±0.2 8.0 ±0.2 4.5 ±0.2 0.5 ±0.1 0.5 ±0.1 0.5 ±0.1 2.5 TYP. 2.5 TYP. A1 P2 P0 D0 PT A1 A D0 d F1 F2 H H0 H1 h l1 P P0 P2 P T W W0 W1 W2 8.0 ± 0.2 13.0 ± 0.2 4.0 ± 0.2 0.5 ± 0.1 2.5 2.5 20.0 MAX. 16.0 ± 0.5 32.2 MAX. 0 ± 1.0 2.5 MIN. 12.7 ± 1.0 12.7 ± 0.3 6.35 ± 0.5 0 ± 1.3 4.5 ± 0.2 18.0 5.0 MIN. 9.0 ± 0.5 0.7 MIN. h ∆ P ∆ h ∆ ∆ φ ∆ d F1 F2 +0.4 −0.1 +0.4 −0.1 +1.0 −0.5 EQUIVALENT CIRCUIT 3 1 2 R2 R1 R1 = 3.0 k Ω . . R2 = 300 Ω . . 1. Base 2. Collector 3. Emitter ★ |