전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4420E/SPSTQP 데이터시트(PDF) 20 Page - Microchip Technology

부품명 PIC18F4420E/SPSTQP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4420E/SPSTQP 데이터시트(HTML) 20 Page - Microchip Technology

Back Button PIC18F4420E/SPSTQP Datasheet HTML 16Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 17Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 18Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 19Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 20Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 21Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 22Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 23Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 18
Preliminary
 2004 Microchip Technology Inc.
PORTB is a bidirectional I/O port. PORTB can be
software programmed for internal weak pull-ups on all
inputs.
RB0/INT0/FLT0/AN12
RB0
INT0
FLT0
AN12
33
9
8
I/O
I
I
I
TTL
ST
ST
Analog
Digital I/O.
External interrupt 0.
PWM Fault input for Enhanced CCP1.
Analog input 12.
RB1/INT1/AN10
RB1
INT1
AN10
34
10
9
I/O
I
I
TTL
ST
Analog
Digital I/O.
External interrupt 1.
Analog input 10.
RB2/INT2/AN8
RB2
INT2
AN8
35
11
10
I/O
I
I
TTL
ST
Analog
Digital I/O.
External interrupt 2.
Analog input 8.
RB3/AN9/CCP2
RB3
AN9
CCP2(1)
36
12
11
I/O
I
I/O
TTL
Analog
ST
Digital I/O.
Analog input 9.
Capture 2 input/Compare 2 output/PWM 2 output.
RB4/KBI0/AN11
RB4
KBI0
AN11
37
14
14
I/O
I
I
TTL
TTL
Analog
Digital I/O.
Interrupt-on-change pin.
Analog input 11.
RB5/KBI1/PGM
RB5
KBI1
PGM
38
15
15
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
Low-Voltage ICSP™ Programming enable pin.
RB6/KBI2/PGC
RB6
KBI2
PGC
39
16
16
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming
clock pin.
RB7/KBI3/PGD
RB7
KBI3
PGD
40
17
17
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming
data pin.
TABLE 1-3:
PIC18F4420/4520 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1: Default assignment for CCP2 when configuration bit CCP2MX is set.
2: Alternate assignment for CCP2 when configuration bit CCP2MX is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More