| 전자부품 데이터시트 검색엔진 |
|
DGD05473FNQ 데이터시트(PDF) 10 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DGD05473FNQ 데이터시트(HTML) 10 Page - Diodes Incorporated |
|
10 / 11 page ![]() DGD05473FNQ Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. U-DFN3030-10 U-DFN3030-10 Dim Min Max Typ A 0.57 0.63 0.60 A1 0.00 0.05 0.02 A3 –– –– 0.15 b 0.20 0.30 0.25 D 2.90 3.10 3.00 D2 2.30 2.50 2.40 E 2.90 3.10 3.00 E2 1.50 1.70 1.60 e — — 0.50 L 0.25 0.55 0.40 z –– –– 0.375 All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. U-DFN3030-10 Dimensions Value (in mm) C 0.50 G 0.15 X 0.35 X1 2.60 Y 0.60 Y1 1.80 A A1 A3 Seating Plane D D2 E e b E2 ( Pin #1 ID) L R0.3 00 z Y1 X Y C X1 G G DGD05473FNQ Document Number DS41301 Rev. 2 - 2 10 of 11 www.diodes.com February 2019 © Diodes Incorporated |