| 전자부품 데이터시트 검색엔진 |
|
LM358P 데이터시트(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358P 데이터시트(HTML) 17 Page - Texas Instruments |
|
17 / 48 page ![]() VCC+ OUT GND (or VCC−) To Other Amplifier IN− IN+ ≈6- A µ Current Regulator ≈6- A µ Current Regulator ≈100- A µ Current Regulator ≈50- A µ Current Regulator Epi-FET Diodes Resistors Transistors Capacitors COMPONENT COUNT 1 2 7 51 2 17 LM158, LM158A, LM258, LM258A LM358, LM358A, LM358B, LM2904, LM2904B, LM2904V www.ti.com SLOS068V – JUNE 1976 – REVISED SEPTEMBER 2018 Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM358B LM2904 LM2904B LM2904V Submit Documentation Feedback Copyright © 1976–2018, Texas Instruments Incorporated 9 Detailed Description 9.1 Overview These devices consist of two independent, high-gain frequency-compensated operational amplifiers designed to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is within the supply voltage range specified in the Recommended Operating Conditions section, and VS is at least 1.5 V more positive than the input common-mode voltage. The low supply- current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example, these devices can be operated directly from the standard 5-V supply used in digital systems and easily can provide the required interface electronics without additional ±5-V supplies. 9.2 Functional Block Diagram |