전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT7842 데이터시트(PDF) 1 Page - Maxic Technology Corporation

부품명 MT7842
상세설명  Non-isolated APFC BUCK LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIC [Maxic Technology Corporation]
홈페이지  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7842 데이터시트(HTML) 1 Page - Maxic Technology Corporation

  MT7842 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7842
Maximizing IC Performance
Non-isolated APFC BUCK LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.35
Tel: 86-10-62662828
Copyright © 2015 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7842 is a high-PF, non-isolate LED Driver
IC. The floating-ground, high-side BUCK
topology makes full wave detection possible.
High precision output current is achieved.
MT7842 works in Quasi-Resonant Mode (QRM),
which improves both of efficiency and EMI
performance. The system integrates the
ultra-high voltage power supply circuit, the
start-up resistor and power supply diode are not
needed. Low external component count and cost
is achieved.
Various protections such as over voltage
protection (OVP), over current protection (OCP)
and over temperature compensation, etc. are
embedded to improve reliability. The MT7842
integrates 550V MOSFET, which further
simplifies external circuit.
FEATURES
Single-stage active power factor correction
(PFC > 0.90)
Ultra-high voltage power supply without
start-up resistor and power supply diode
High accurate LED current (±3%)
Good Line and Load Regulation (±2%)
Quasi-Resonant mode (QRM) operation
Various protection schemes.
Available in SOP7 packages
APPLICATIONS
E14/E27/PAR30/PAR38/GU10 LED lamp
T8/T10 LED tube
Other LED lighting applications
Typical Application Circuit


유사한 부품 번호 - MT7842

제조업체부품명데이터시트상세설명
logo
Maxic Technology Corpor...
MT7842B MAXIC-MT7842B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7842Y MAXIC-MT7842Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
More results

유사한 설명 - MT7842

제조업체부품명데이터시트상세설명
logo
Maxic Technology Corpor...
MT7830A MAXIC-MT7830A Datasheet
158Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7840 MAXIC-MT7840 Datasheet
257Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844B MAXIC-MT7844B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7845 MAXIC-MT7845 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7855BLD MAXIC-MT7855BLD Datasheet
269Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356C BPS-BP2356C Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356F BPS-BP2356F Datasheet
144Kb / 2P
Non-isolated Buck APFC LED Driver
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9514SF MAXIC-MT9514SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com