전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L1X 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 VL53L1X
상세설명  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 6Page - STMicroelectronics VL53L1X Datasheet HTML 7Page - STMicroelectronics VL53L1X Datasheet HTML 8Page - STMicroelectronics VL53L1X Datasheet HTML 9Page - STMicroelectronics VL53L1X Datasheet HTML 10Page - STMicroelectronics VL53L1X Datasheet HTML 11Page - STMicroelectronics VL53L1X Datasheet HTML 12Page - STMicroelectronics VL53L1X Datasheet HTML 13Page - STMicroelectronics VL53L1X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Functional description
VL53L1X
10/35
DocID031281 Rev 3
2.5
Key parameters
2.5.1
Distance mode
The VL53L1X has three distance modes (DM): short, medium, and long.
Long distance mode allows the longest possible ranging distance of 4 m to be reached.
However, this maximum ranging distance is impacted by ambient light.
Short distance mode is more immune to ambient light, but its maximum ranging distance is
typically limited to 1.3 m.
Test conditions: timing budget = 100 ms, white target 88 %, dark = no IR ambient,
ambient light = 200 kcps/SPAD.
Table 4. Maximum distance vs. Distance mode under ambient light
Distance
mode
Max. distance in
dark (cm)
Max. distance under strong
ambient light (cm)
Short
136
135
Medium
290
76
Long
360
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com