| 전자부품 데이터시트 검색엔진 |
|
CSR8670 데이터시트(PDF) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
|
|||||||||||||||||||||||||||||
CSR8670 데이터시트(HTML) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
4 / 27 page ![]() http://www.buddies-tech.com BTM8670 DATASHEET 4 The BTM8670 Bluetooth ® module is a perfect consumer audio solution for wireless applications, such as wireless sound bars, wireless stereo speakers and headphones. It can be connected with any Bluetooth ® devices in an operating range. It is slim and light so the designers can have better flexibilities for the product shapes. The BTM8670 Bluetooth ® module complies with Bluetooth® specification version 4.0. It supports HSP,HFP,A2DP,AVRCP,PBAP,MAP,SPP….profiles. It integrates an ultra-low-power DSP and application processor with embedded flash memory, a high-performance stereo codec, a power management subsystem, LED and LCD drivers and capacitive touch sensor inputs in a SOC IC. The dual-core architect with flash memory enables manufactures to easily differentiate the products with new features without extending development cycles. It integrates RF Baseband controller, antenna,… etc. and provide UART interface, programmable I/O, stereo speaker output, microphone input,… etc. The detail information of BTM8670 Bluetooth ® module is presented in this document below. Figure 1 |