전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BP3126 데이터시트(PDF) 3 Page - Bright Power Semiconductor Co., Ltd.

부품명 BP3126
상세설명  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BPS [Bright Power Semiconductor Co., Ltd.]
홈페이지  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3126 데이터시트(HTML) 3 Page - Bright Power Semiconductor Co., Ltd.

  BP3126 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BP3126
High Precision PSR Constant Current LED Driver
BP3126_EN_DS_Rev.1.0
www.bpsemi.com
3
Bright Power Semiconductor Co. Confidential – Customer Use Only
Absolute Maximum Ratings (note1)
Symbol
Parameters
Range
Units
VCC
VCC pin input voltage
-0.3~20
V
FB
Feedback pin input voltage
-0.3~6
V
Drain
Internal MOSFET drain voltage
-0.3~650
V
CS
Current sense pin input voltage
-0.3~6
V
PDMAX
Power dissipation (note2)
0.9
W
θ
JA
Thermal resistance (Junction to Ambient)
80
℃/W
TJ
Operating junction temperature
-40 to 150
TSTG
Storage temperature range
-55 to 150
ESD (note3)
2
KV
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under “recommended operating
conditions” the device operation is assured, but some particular parameter may not be achieved. The electrical characteristics table defines the operation
range of the device, the electrical characteristics is assured on DC and AC voltage by test program. For the parameters without minimum and maximum
value in the EC table, the typical value defines the operation range, the accuracy is not guaranteed by spec.
Note 2: The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θJA, and environment temperature (TA). The maximum power
dissipation is the lower one between PDMAX = (TJMAX - TA)/ θJA and the number listed in the maximum table.
Note 3: Human Body mode, 100pF capacitor discharge on 1.5KΩ resistor
Recommended Operation Conditions
Symbol
Parameter
Range
Unit
VCC
Power supply voltage
7.5 ~14.5
V
POUT1
Output power (input voltage 230V±15%)
<30
W
POUT2
Output power (input voltage 85V~265V)
<24
W



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com