| 전자부품 데이터시트 검색엔진 |
|
STC89C52RC 데이터시트(PDF) 39 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89C52RC 데이터시트(HTML) 39 Page - STCmicro Technology Co,.Ltd |
|
39 / 165 page ![]() Mnemonic Description Byte Execution clocks of STC 12T MCU Execution clocks of STC 6T MCU DATA TRANSFER MOV A, Rn Move register to Accumulator 1 12 6 MOV A, direct Move direct byte to Accumulator 2 12 6 MOV A,@Ri Move indirect RAM to 1 12 6 MOV A, #data Move immediate data to Accumulator 2 12 6 MOV Rn, A Move Accumulator to register 1 12 6 MOV Rn, direct Move direct byte to register 2 24 12 MOV Rn, #data Move immediate data to register 2 12 6 MOV direct, A Move Accumulator to direct byte 2 12 6 MOV direct, Rn Move register to direct byte 2 24 12 MOV direct,direct Move direct byte to direct 3 24 12 MOV direct, @Ri Move indirect RAM to direct byte 2 24 12 MOV direct,#data Move immediate data to direct byte 3 24 12 MOV @Ri, A Move Accumulator to indirect RAM 1 12 6 MOV @Ri, direct Move direct byte to indirect RAM 2 24 12 MOV @Ri, #data Move immediate data to indirect RAM 2 12 6 MOV DPTR,#data16 Move immdiate data to indirect RAM 2 12 6 MOVC A,@A+DPTR Move Code byte relative to DPTR to Acc 1 24 12 MOVC A, @A+PC Move Code byte relative to PC to Acc 1 24 12 MOVX A,@Ri Move External RAM(16-bit addr) to Acc 1 24 12 MOVX A,@DPTR Move External RAM(16-bit addr) to Acc 1 24 12 MOVX @Ri, A Move Acc to External RAM(8-bit addr) 1 24 12 MOVX @DPTR,A Move Acc to External RAM (16-bit addr) 1 24 12 PUSH direct Push direct byte onto stack 2 24 12 POP direct POP direct byte from stack 2 24 12 XCH A,Rn Exchange register with Accumulator 1 12 6 XCH A, direct Exchange direct byte with Accumulator 2 12 6 XCH A, @Ri Exchange indirect RAM with Accumulator 1 12 6 XCHD A, @Ri Exchange low-order Digit indirect RAM with Acc 112 6 39 |