전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC89C53RC 데이터시트(PDF) 151 Page - STCmicro Technology Co,.Ltd

부품명 STC89C53RC
상세설명  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STC [STCmicro Technology Co,.Ltd]
홈페이지  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC 데이터시트(HTML) 151 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 147Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 148Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 149Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 150Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 151Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 152Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 153Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 154Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 155Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 165 page
background image
MACROS
The macro processing facility (MPL) of ASM51 is a "string replacement" facility. Macros allow frequently used
sections of code be defined once using a simple mnemonic and used anywhere in the program by inserting the
mnemonic. Programming using macros is a powerful extension of the techniques described thus far. Macros can
be defined anywhere in a source program and subsequently used like any other instruction. The syntax for macro
definition is
%*DEFINE
(call_pattern)
(macro_body)
Once defined, the call pattern is like a mnemonic; it may be used like any assembly language instruction by
placing it in the mnemonic field of a program. Macros are made distinct from "real" instructions by preceding
them with a percent sign, "%". When the source program is assembled, everything within the macro-body, on
a character-by-character basis, is substituted for the call-pattern. The mystique of macros is largely unfounded.
They provide a simple means for replacing cumbersome instruction patterns with primitive, easy-to-remember
mnemonics. The substitution, we reiterate, is on a character-by-character basis—nothing more, nothing less.
For example, if the following macro definition appears at the beginning of a source file,
%*DEFINE
(PUSH_DPTR)
(PUSH
DPH
PUSH
DPL
)
then the statement
%PUSH_DPTR
will appear in the .LST file as
PUSH
DPH
PUSH
DPL
The example above is a typical macro. Since the 8051 stack instructions operate only on direct addresses,
pushing the data pointer requires two PUSH instructions. A similar macro can be created to POP the data pointer.
There are several distinct advantages in using macros:
A source program using macros is more readable, since the macro mnemonic is generally more indicative
of the intended operation than the equivalent assembler instructions.
The source program is shorter and requires less typing.
Using macros reduces bugs
Using macros frees the programmer from dealing with low-level details.
The last two points above are related. Once a macro is written and debugged, it is used freely without the worry
of bugs. In the PUSH_DPTR example above, if PUSH and POP instructions are used rather than push and pop
macros, the programmer may inadvertently reverse the order of the pushes or pops. (Was it the high-byte or low-
byte that was pushed first?) This would create a bug. Using macros, however, the details are worked out once—
when the macro is written—and the macro is used freely thereafter, without the worry of bugs.
Since the replacement is on a character-by-character basis, the macro definition should be carefully
constructed with carriage returns, tabs, ect., to ensure proper alignment of the macro statements with the rest of
the assembly language program. Some trial and error is required.
There are advanced features of ASM51's macro-processing facility that allow for parameter passing, local
labels, repeat operations, assembly flow control, and so on. These are discussed below.
•
•
•
•
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More