전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC89C53RC 데이터시트(PDF) 5 Page - STCmicro Technology Co,.Ltd

부품명 STC89C53RC
상세설명  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STC [STCmicro Technology Co,.Ltd]
홈페이지  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC 데이터시트(HTML) 5 Page - STCmicro Technology Co,.Ltd

  STC89C53RC Datasheet HTML 1Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 2Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 3Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 165 page
background image
1.2 Block diagram
The CPU kernel of STC89xx series are fully compatible to the standard 8051 microcontroller, maintains all
instruction mnemonics and binary compatibility. STC89xx series can execute the fastest instructions per 6 clock
cycles or 12 clock cycles(as the same as the standard 80C51) . Improvement of individual programs depends on
the actual instructions used.
STC89xx Block Diagram
256 Byte
RAM
RAM ADDR
Register
FLASH
64K
Program
Counter
B Register
ACC
TMP2
TMP1
Stack
Poniter
ALU
PSW
Port 0,1,2,3,4
Latch
WDT
Control
Unit
XTAL2
XTAL1
RESET
AUX-RAM
1024 Byte
ISP/IAP
Address
Generator
Timer 0/1
UART
Port 0,1,2,3,4
Driver
P0, P1,P2,P3,P4
PSEN
Timer 2
ALE
EA
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More