| 전자부품 데이터시트 검색엔진 |
|
STM32F030K6 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030K6 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 93 page ![]() DS9773 Rev 4 29/93 STM32F030x4/x6/x8/xC Pinouts and pin descriptions 33 8- - - PC0 I/O TTa - EVENTOUT, USART6_TX(5) ADC_IN10 9- - - PC1 I/O TTa - EVENTOUT, USART6_RX(5) ADC_IN11 10 - - - PC2 I/O TTa - SPI2_MISO(5), EVENTOUT ADC_IN12 11 - - - PC3 I/O TTa - SPI2_MOSI(5), EVENTOUT ADC_IN13 12 8 - - VSSA S - - Analog ground 13 9 5 5 VDDA S - - Analog power supply 14 10 6 6 PA0 I/O TTa - USART1_CTS(2), USART2_CTS(3)(5), USART4_TX(5) ADC_IN0, RTC_TAMP2, WKUP1 15 11 7 7 PA1 I/O TTa - USART1_RTS(2), USART2_RTS(3)(5), EVENTOUT, USART4_RX(5) ADC_IN1 16 12 8 8 PA2 I/O TTa - USART1_TX(2), USART2_TX(3)(5), TIM15_CH1(3)(5) ADC_IN2, WKUP4(5) 17 13 9 9 PA3 I/O TTa - USART1_RX(2), USART2_RX(3)(5), TIM15_CH2(3)(5) ADC_IN3 18(4) -- - PF4 I/O FT (4) EVENTOUT - 18(5) - - - VSS S - (5) Ground 19(4) -- - PF5 I/O FT (4) EVENTOUT - 19(5) -- - VDD - - (5) Complementary power supply 20 14 10 10 PA4 I/O TTa - SPI1_NSS, USART1_CK(2) USART2_CK(3)(5), TIM14_CH1, USART6_TX(5) ADC_IN4 21 15 11 11 PA5 I/O TTa - SPI1_SCK, USART6_RX(5) ADC_IN5 Table 11. STM32F030x4/6/8/C pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |