| 전자부품 데이터시트 검색엔진 |
|
STM32F030CC 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030CC 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 93 page ![]() DS9773 Rev 4 39/93 STM32F030x4/x6/x8/xC Memory mapping 40 Table 17. STM32F030x4/x6/x8/xC peripheral register boundary addresses Bus Boundary address Size Peripheral - 0x4800 1800 - 0x5FFF FFFF ~384 MB Reserved AHB2 0x4800 1400 - 0x4800 17FF 1 KB GPIOF 0x4800 1000 - 0x4800 13FF 1 KB Reserved 0x4800 0C00 - 0x4800 0FFF 1 KB GPIOD 0x4800 0800 - 0x4800 0BFF 1 KB GPIOC 0x4800 0400 - 0x4800 07FF 1 KB GPIOB 0x4800 0000 - 0x4800 03FF 1 KB GPIOA - 0x4002 4400 - 0x47FF FFFF ~128 MB Reserved AHB1 0x4002 3400 - 0x4002 43FF 4 KB Reserved 0x4002 3000 - 0x4002 33FF 1 KB CRC 0x4002 2400 - 0x4002 2FFF 3 KB Reserved 0x4002 2000 - 0x4002 23FF 1 KB FLASH Interface 0x4002 1400 - 0x4002 1FFF 3 KB Reserved 0x4002 1000 - 0x4002 13FF 1 KB RCC 0x4002 0400 - 0x4002 0FFF 3 KB Reserved 0x4002 0000 - 0x4002 03FF 1 KB DMA - 0x4001 8000 - 0x4001 FFFF 32 KB Reserved APB 0x4001 5C00 - 0x4001 7FFF 9 KB Reserved 0x4001 5800 - 0x4001 5BFF 1 KB DBGMCU 0x4001 4C00 - 0x4001 57FF 3 KB Reserved 0x4001 4800 - 0x4001 4BFF 1 KB TIM17 0x4001 4400 - 0x4001 47FF 1 KB TIM16 0x4001 4000 - 0x4001 43FF 1 KB TIM15(1) 0x4001 3C00 - 0x4001 3FFF 1 KB Reserved 0x4001 3800 - 0x4001 3BFF 1 KB USART1 0x4001 3400 - 0x4001 37FF 1 KB Reserved 0x4001 3000 - 0x4001 33FF 1 KB SPI1 0x4001 2C00 - 0x4001 2FFF 1 KB TIM1 0x4001 2800 - 0x4001 2BFF 1 KB Reserved 0x4001 2400 - 0x4001 27FF 1 KB ADC 0x4001 1800 - 0x4001 23FF 3 KB Reserved 0x4001 1400 - 0x4001 17FF 1 KB USART6(2) 0x4001 0800 - 0x4001 13FF 3 KB Reserved 0x4001 0400 - 0x4001 07FF 1 KB EXTI 0x4001 0000 - 0x4001 03FF 1 KB SYSCFG |