전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F030RC 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32F030RC
상세설명  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RC 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32F030RC Datasheet HTML 36Page - STMicroelectronics STM32F030RC Datasheet HTML 37Page - STMicroelectronics STM32F030RC Datasheet HTML 38Page - STMicroelectronics STM32F030RC Datasheet HTML 39Page - STMicroelectronics STM32F030RC Datasheet HTML 40Page - STMicroelectronics STM32F030RC Datasheet HTML 41Page - STMicroelectronics STM32F030RC Datasheet HTML 42Page - STMicroelectronics STM32F030RC Datasheet HTML 43Page - STMicroelectronics STM32F030RC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Memory mapping
STM32F030x4/x6/x8/xC
40/93
DS9773 Rev 4
-
0x4000 8000 - 0x4000 FFFF
32 KB
Reserved
APB
0x4000 7400 - 0x4000 7FFF
3 KB
Reserved
0x4000 7000 - 0x4000 73FF
1 KB
PWR
0x4000 5C00 - 0x4000 6FFF
5 KB
Reserved
0x4000 5800 - 0x4000 5BFF
1 KB
I2C2(1)
0x4000 5400 - 0x4000 57FF
1 KB
I2C1
0x4000 5000 - 0x4000 53FF
1 KB
USART5(2)
0x4000 4C00 - 0x4000 4FFF
1 KB
USART4(2)
0x4000 4800 - 0x4000 4BFF
1 KB
USART3(2)
0x4000 4400 - 0x4000 47FF
1 KB
USART2(1)
0x4000 3C00 - 0x4000 43FF
2 KB
Reserved
0x4000 3800 - 0x4000 3BFF
1 KB
SPI2(1)
0x4000 3400 - 0x4000 37FF
1 KB
Reserved
0x4000 3000 - 0x4000 33FF
1 KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 2400 - 0x4000 27FF
1 KB
Reserved
0x4000 2000 - 0x4000 23FF
1 KB
TIM14
0x4000 1800 - 0x4000 1FFF
2 KB
Reserved
0x4000 1400 - 0x4000 17FF
1 KB
TIM7(2)
0x4000 1000 - 0x4000 13FF
1 KB
TIM6(1)
0x4000 0800 - 0x4000 0FFF
2 KB
Reserved
0x4000 0400 - 0x4000 07FF
1 KB
TIM3
0x4000 0000 - 0x4000 03FF
1 KB
Reserved
1. This feature is available on STM32F030x8 and STM32F030xC devices only. For STM32F030x6 and
STM32F060x4, the area is Reserved.
2. This feature is available on STM32F030xC devices only. This area is reserved for STM32F030x4/6/8
devices.
Table 17. STM32F030x4/x6/x8/xC peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93