| 전자부품 데이터시트 검색엔진 |
|
AH293APA 데이터시트(PDF) 9 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AH293APA 데이터시트(HTML) 9 Page - Anachip Corp |
|
9 / 9 page ![]() AH293 Low Voltage Hall-Effect Smart Fan Motor Controller Anachip Corp. www.anachip.com.tw Rev 0.5 Jun 18, 2004 9/9 (3) Package type: SOT89-5L K J L D C A I H G E B F F Package Sensor Location X Y Dimensions In Millimeters Dimensions In Inches Symbol Min. Nom. Max. Min. Nom. Max. A 4.40 4.50 4.60 0.173 0.177 0.181 B 4.05 4.15 4.25 0.159 0.163 0.167 C 1.50 1.60 1.70 0.059 0.063 0.067 D 1.30 1.40 1.50 0.051 0.055 0.059 E 2.40 2.50 2.60 0.094 0.098 0.102 F 0.80 - - 0.031 - - G 3.00 Ref. 0.118 Ref. H 1.50 Ref. 0.059 Ref. I 0.40 0.46 0.52 0.016 0.018 0.020 J 1.40 1.50 1.60 0.055 0.059 0.063 K 0.35 0.39 0.43 0.014 0.015 0.017 L 5 o Typ.5o Typ. X - 1.90 - - 0.075 - Y - 1.65 - - 0.065 - |