전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RK808-C 데이터시트(PDF) 21 Page - Rockchip Electronics Co., Ltd

부품명 RK808-C
상세설명  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCKCHIP [Rockchip Electronics Co., Ltd]
홈페이지  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808-C 데이터시트(HTML) 21 Page - Rockchip Electronics Co., Ltd

Back Button RK808-C Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 22Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 23Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 24Page - Rockchip Electronics Co., Ltd RK808-C Datasheet HTML 25Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
21
Parameter
Symbol
Min.
Typ.
Max.
Unit
VOUT Output Voltage, Default( Tj=-10~85℃ )
VOUT12(Default)
-1.736
1.800
1.854
V
Power Good threshold (Vout rising)
VPG12
93
%
Output under voltage lockout (Vout falling)
VUV12
85
%
VOUT Load Regulation, IOUT = 1mA to 300mA
0.005
%/mA
VOUT Line Regulation, VIN12 = 3 to 5V, IOUT12 =
0.3A
0.015
%/V
Power Supply Reject Ratio (f = 10kHz,
VOUT12=3.3V)
PSRR12
65
dB
Output noise (10Hz to 100kHz, VOUT12=3.3V)
OUTNOISE12
50
uVrms
Dropout voltage @ 300mA (VOUT12=2.5V)
VDROP12
200
mV
Operating
Quiescent
Current,
No
load,
VDD=3.8V
IQ12
48
uA
Rated output current
IMAX12
300
mA
Current Limit, VOUT12 = VOUT12 x 0.95
ICL12
400
400
mA
Soft-start Time
tSS12
400
us
COUT Discharge Switch ON Resistance
RDIS12
250
Ohm
CH13 LDO8( VCC33_WIFI)
Input supply voltage range
VINPUT13
2.7
5.5
V
VOUT Output Voltage Adjustable Range,
4bit(step=100mv)
VOUT13
1.8
3.4
V
VOUT Output Voltage, Default( Tj=25℃ )
VOUT13(Default)
3.234
3.300
3.366
V
VOUT Output Voltage, Default( Tj=-10~85℃ )
VOUT13(Default)
3.201
3.300
3.399
V
Power Good threshold (Vout rising)
VPG13
93
%
Output under voltage lockout (Vout falling)
VUV13
85
%
VOUT Load Regulation, IOUT = 1mA to 150mA
0.003
%/mA
VOUT Line Regulation, VIN13 = 3 to 5V, IOUT6 =
0.15A
0.01
%/V
Power Supply Reject Ratio (f = 10kHz,
VOUT13=3.3V)
PSRR13
50
dB
Output noise (10Hz to 100kHz, VOUT13=3.3V)
OUTNOISE13
300
uVrms
Dropout voltage @ 300mA (VOUT13=2.8V)
VDROP13
200
mV
Operating
Quiescent
Current,
No
load,
VDD=3.8V
IQ13
30
uA
Rated output current
IMAX13
300
mA
Current Limit, VOUT13 = VOUT13 x 0.95
ICL13
400
500
mA
Soft-start Time
tSS13
400
us
COUT Discharge Switch ON Resistance
RDIS13
400
Ohm
CH14 SWITCH1 ( VCC_SD)
Input supply voltage range
VINPUT14
2.7
5.5
V
Rated output current
IMAX14
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75