전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASX340 데이터시트(PDF) 26 Page - List of Unclassifed Manufacturers

부품명 ASX340
상세설명  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 데이터시트(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
26
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Aptina Confidential and Proprietary
Preliminary
Output Formats
ITU-R BT.656 and RGB Output
TheASX340/MT9V139 can output processed video as a standard ITU-R BT.656
(CCIR656) stream, an RGB stream, or as unprocessed Bayer data. The ITU-R BT.656
stream contains YCbCr 4:2:2 data with embedded synchronization codes. This output is
typically suitable for subsequent display by standard video equipment or JPEG/MPEG
compression.
Colorpipe data (pre-lens correction and overlay) can also be output in YCbCr 4:2:2 and a
variety of RGB formats in 640 by 480 progressive format in conjunction with
LINE_VALID and FRAME_VALID.
The ASX340/MT9V139 can be configured to output 16-bit RGB (565RGB), 15-bit RGB
(555RGB), and two types of 12-bit RGB (444RGB). Refer to Table 30 and Table 31 on
page 56 for details.
Bayer Output
Unprocessed Bayer data are generated when bypassing the IFP completely—that is, by
simply outputting the sensor Bayer stream as usual, using FRAME_VALID, LINE_VALID,
and PIXCLK to time the data. This mode is called sensor bypass mode.
Output Ports
Composite Video Output
The composite video output DAC is external-resistor-programmable and supports both
single-ended and differential output. The DAC is driven by the on-chip video encoder
output.
Parallel Output
Parallel output uses either 8-bit or 10-bit output. Eight-bit output is used for ITU-R
BT.656 and RGB output. Ten-bit output is used for raw Bayer output.
Zoom Support
The ASX340/MT9V139 supports zoom x1 and x2 modes, in interlaced and progressive
scan modes. The progressive support is limited to the VGA at either 60 fps or 50 fps.
In the zoom x2 modes, the sensor is configured for QVGA (320 x 240), and the zoom x2
window can be configured to pan around the VGA window.
FOV Stretch Support
The ASX340/MT9V139 supports the ability to control the active 'width' of the TV output
line, between 720 and 700 pixels. The hardware supports two margins, each a maximum
of 10 pixels width, and has to be an even number of pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com