| 전자부품 데이터시트 검색엔진 |
|
AXP288 데이터시트(PDF) 65 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288 데이터시트(HTML) 65 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
65 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 65 REG 04-0FH: 12 Data buffers Default: 00H Reset: Power on reset Note: As long as one of the external powers, batteries or backup batteries exists, this data will be reserved and free from the startup and shutdown influence. REG 10H: Output power on-off control 1 Default:XXH Reset: system reset Table 10-6 Bit Description R/W Default 7 Reserved 6 BUCK2 on-off control 0-off; 1-on RW 1 5 BUCK3 on-off control 0-off; 1-on RW 1 4 BUCK4 on-off control 0-off; 1-on RW 1 3 BUCK1 on-off control 0-off; 1-on RW 1 2 Reserved 1 BUCK5 on-off control 0-off; 1-on RW 1 0 BUCK6 on-off control 0-off; 1-on RW 1 REG 12H: Output power on-off control 2 Default:08H Reset: system reset Table 10-7 Bit Description R/W Default 7 Reserved 6 DLDO4 on-off control 0-off; 1-on RW 0 5 DLDO3 on-off control 0-off; 1-on RW 0 4 DLDO2 on-off control 0-off; 1-on RW 0 |