전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-LD2-EVAL-RFB-01H 데이터시트(PDF) 5 Page - RFbeam Microwave GmbH

부품명 K-LD2-EVAL-RFB-01H
상세설명  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFBEAM [RFbeam Microwave GmbH]
홈페이지  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL-RFB-01H 데이터시트(HTML) 5 Page - RFbeam Microwave GmbH

  K-LD2-EVAL-RFB-01H Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 5/20
Overview
The K-LD2 takes advantage of an internal I/Q doppler
signal processing by using a complex FFT (Fast Fou-
rier Transform). The main advantages of this proces-
sing compared to standard time domain processing
solutions are the following:
– Easy detection of the direction of a movement
– Increased detection range with better SNR
due to the FFT processing
– Efficient interference suppression
– Vibration suppression
Sampling & FFT calculation
– I/Q channel
– Configurable sample rate
– 256 point complex FFT
Threshold generation
– Adaptive noise measurement
– Interference suppression
– Depending on sensitivity setting
Detection algorithm
– Search for valid detection
– Direction, speed & magnitude
calculation
– Latch detection for the length
of the hold time setting
Figure 4: Signal processing and detection workflow
With a powerful command set (See chapter Command
Set Description) it is possible to configure the  whole
signal processing and detection workflow. This allows
customisation of the K-LD2 to get the best results in
different environments and applications.
THEORY OF OPERATION
The signal processing unit samples the analogue
I/Q doppler signals of the RF frontend and calculates
a  complex FFT in real time. In a next step an adap-
tive noise measurement and interference suppression
is done which generates a threshold limit that can be
adjusted with the sensitivity setting. Then the detection
algorithm looks for a valid detection and latches it to
the detection register and the digital outputs for the
length of the hold time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20