전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF96 데이터시트(PDF) 52 Page - HOPE Microelectronics CO., Ltd.

부품명 RF96
상세설명  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOPE [HOPE Microelectronics CO., Ltd.]
홈페이지  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 데이터시트(HTML) 52 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 121 page
background image
Page 52
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
Tx Mode
Rx Mode
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.5.3. Time to RSSI Evaluation
The first RSSI sample will be available TS_RSSI after the receiver is ready, in other words TS_RE + TS_RSSI after the
receiver was requested to turn on.
Timeline
0
TS_RE
TS_RE
+TS_RSSI
FSRx
Rx
Rssi IRQ
Rssi sample
ready
Figure 18. Time to Rssi Sample
TS_RSSI depends on the receiver bandwidth, as well as the RssiSmoothing option that was selected. The formula used to
calculate TS_RSSI is provided in section 2.5.4.
4.2.5.4. Tx to Rx Turnaround Time
Timeline
0
TS_HOP
+TS_RE
1. set new Frf (*)
2. set Rx mode
Rx Mode
(*) Optional
Figure 19. Tx to Rx Turnaround
Note
The SPI instruction times are omitted, as they can generally be very small as compared to other timings (up to
10MHz SPI clock).
4.2.5.5. Rx to Tx
Timeline
0
TS_HOP
+TS_TR
1. set new Frf (*)
2. set Tx mode
Tx Mode
(*) Optional
Figure 20. Rx to Tx Turnaround



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More