전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FD170H 데이터시트(PDF) 9 Page - Feeling Technology Corp.

부품명 FD170H
상세설명  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H 데이터시트(HTML) 9 Page - Feeling Technology Corp.

Back Button FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. FD170H Datasheet HTML 10Page - Feeling Technology Corp. FD170H Datasheet HTML 11Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FD170H
Rev1.0 May. 08, 2009
P.9
FEELING
TECHNOLOGY
FD170H Switching
Input Voltage: +5V
Ch1: NO Output
Ch2: SO Output
Switching Delay Time:
NO Off
SO On
( ~ 10
µs)
Figure.15
FD170H Switching
Input Voltage: +5V
Ch1: NO Output
Ch2: SO Output
Switching Delay Time:
SO Off
NO On
( ~ 10
µs)
Figure.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com