전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FD0256b 데이터시트(PDF) 1 Page - Feeling Technology Corp.

부품명 FD0256b
상세설명  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0256b 데이터시트(HTML) 1 Page - Feeling Technology Corp.

  FD0256b Datasheet HTML 1Page - Feeling Technology Corp. FD0256b Datasheet HTML 2Page - Feeling Technology Corp. FD0256b Datasheet HTML 3Page - Feeling Technology Corp. FD0256b Datasheet HTML 4Page - Feeling Technology Corp. FD0256b Datasheet HTML 5Page - Feeling Technology Corp. FD0256b Datasheet HTML 6Page - Feeling Technology Corp. FD0256b Datasheet HTML 7Page - Feeling Technology Corp. FD0256b Datasheet HTML 8Page - Feeling Technology Corp. FD0256b Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FD0252b
FD0256b
Smart motor driver with embedded Hall sensor
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.9 Dec. 18, 2008
P.1
FEELING
TECHNOLOGY
FEATURES
Motor driver with integrated Hall sensor
High current driving capability
Lock-shutdown protection & auto-restart function
Built-in RD(rotation detection) signal output
“Soft-switch” phase-switching technique to reduce vibration and acoustic noise
Thermal shutdown protection
PWM speed control(only available for FD0256b)
Available in both T825(FD0252b) and T826(FD0256b) packages
GENERAL DESCRIPTION
FD0252b/FD0256b is a single coil motor driver with embedded Hall sensor. It integrates the motor driver with the
Hall sensor, which simplifies the PCB(printed circuit board) design and make the fabrication of small-size motors
possible.
Lock-shutdown and auto-restart function keeps the motor from being over-heated and restarts the motor after being
locked.
FD0252b/FD0256b is built-in the signal output of rotation detection function, the system could detect the rotation
status from this signal of motor when using FD0252b/FD0256b.
“Soft-switch” phase-switching technique is used to reduce the vibration and acoustic noise.
Thermal-shutdown protection ensures the motor driver to operate under specified temperature ranges.
All the protection mechanisms mentioned above combine to provide a complete protecting scenario for the motor
system, keep the motor system from possible damages and guarantee correct operations.
BLOCK DIAGRAM
Figure.1
Halogen
Free
Bias Generator
Coil Driver
Oscillator
Hall Plate
Reset
Power-On
Digital control logics
Chopper amplifier
PWM control


유사한 부품 번호 - FD0256b

제조업체부품명데이터시트상세설명
logo
Feeling Technology Corp...
FD0256f FEELING-FD0256f Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD0256fR-G1 FEELING-FD0256fR-G1 Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
More results

유사한 설명 - FD0256b

제조업체부품명데이터시트상세설명
logo
Feeling Technology Corp...
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251B FEELING-FD0251B Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD0259F FEELING-FD0259F Datasheet
225Kb / 12P
Smart motor driver with embedded Hall sensor
FD1157AH FEELING-FD1157AH Datasheet
333Kb / 11P
Smart motor driver with embedded Hall sensor
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD1257H FEELING-FD1257H Datasheet
317Kb / 10P
Smart motor driver with embedded Hall sensor
FD2257H FEELING-FD2257H Datasheet
251Kb / 12P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13