전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP103 데이터시트(PDF) 1 Page - Feeling Technology Corp.

부품명 FP103
상세설명  Dual Operational Amplifier and Reference Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP103 데이터시트(HTML) 1 Page - Feeling Technology Corp.

  FP103 Datasheet HTML 1Page - Feeling Technology Corp. FP103 Datasheet HTML 2Page - Feeling Technology Corp. FP103 Datasheet HTML 3Page - Feeling Technology Corp. FP103 Datasheet HTML 4Page - Feeling Technology Corp. FP103 Datasheet HTML 5Page - Feeling Technology Corp. FP103 Datasheet HTML 6Page - Feeling Technology Corp. FP103 Datasheet HTML 7Page - Feeling Technology Corp. FP103 Datasheet HTML 8Page - Feeling Technology Corp. FP103 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FP103
Dual Operational Amplifier and Reference Regulator
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
1/9
General Description
The FP103 is a single chip composed of one independent OP-AMP (OPA2) and another
OP-AMP (OPA1) with a 2.5V precision voltage reference on non-inverting input. It offers space and low
cost in many applications such as the secondary feedback control of power supply, DC/DC converter
or adaptor.
The FP103 is designed for regulator feedback circuit with few external components. The circuit
diagram for typical application is shown as below.
Features
Fixed Reference Voltage: 2.5V
Reference Voltage Precision: 1%
Output Sink Current up to 100mA
Low Quiescent Supply Current
Wide Operating Voltage Range: 3~32V (+ / -16V)
Low Input Offset Voltage
Unit Gain Bandwidth: 0.9MHz
Package: SOP-8L
Typical Application Circuit
Va
OPA1
OPA2
VREF
Va
Va
AC-DC Adaptor Secondary Feedback Circuits
VO
PWM Control Board
VIN
FB


유사한 부품 번호 - FP103

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP103 SANYO-FP103 Datasheet
119Kb / 4P
DC-DC Converter Applications
logo
List of Unclassifed Man...
FP1030 ETC1-FP1030 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1030A ETC1-FP1030A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1033 ETC1-FP1033 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1033A ETC1-FP1033A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
More results

유사한 설명 - FP103

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com