| 전자부품 데이터시트 검색엔진 |
|
ST100 데이터시트(PDF) 1 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
ST100 데이터시트(HTML) 1 Page - RFbeam Microwave GmbH |
|
1 / 2 page ![]() ST100 Starterkit Product Information Features 16Bit Radar Data Acquisition System Displays and Logs Doppler Signals 2 Channel Acquisition (I and Q Signals) View in Frequency and Time Domain Realtime Logfile Playback to Screen Realtime Playback to Sensor System Works with all RFbeam Radar Modules Multifunctional Hard- and Software Bundle Contains an RFbeam K-LC1 Radar Module Applications Evaluation and Optimisation of Short Range Radar Front-Ends On-Site Analysis of Real Signals Data Logging Playback of Real Signals into Sensor Systems Getting Doppler Radar Experience with "Learning by Doing" Description RFbeam ST100 Starterkit consists of a PCB motherboard, a K-LC1 radar module and a flexible acquisition software. ST100 hardware serves as "USB soundsystem" without the need of installing driver software. The system works with native radar modules as well as with modules containing IF amplifiers. Hard- ware is prepared for use with FMCW and FSK software, that will be available as separate software by RFbeam. X1 High Gain Input For native radar modules without integrated IF X2 Low Gain Input For radar modules with integrated IF amplifier X3 Direct IF Input For modules with integrated high gain IF amplifier X4 9VDC (optional) If ST100 is used without USB X5 USB-1 Interface For use with RFbeam SignalViewer X6 Signal Testpoints Connect multimeters and oscilloscope to view raw signals. Contains also analog outputs to playback recorded radar waveforms. Sel Input Selector Signals to be sent to RFbeam SignalViewer Software ST100 Starterkit with RFbeam K-LC1 plugged into X1 connector © 2008-2014 RFbeam Microwave GmbH www.rfbeam.ch Page 1/2 X2 X1 X3 X5 X4 X6 Sel |
유사한 부품 번호 - ST100 |
|
유사한 설명 - ST100 |