전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P1350ETFS 데이터시트(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

부품명 P1350ETFS
상세설명  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
홈페이지  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P1350ETFS 데이터시트(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  P1350ETFS Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P1350ETFS Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P1350ETFS Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P1350ETFS Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV 1.0
3
F-34-3
N-Channel Enhancement Mode
Field Effect Transistor
P1350ETF:TO-220F
P1350ETFS:TO-220FS
Halogen-Free & Lead-Free
NIKO-SEM
CISS
COSS
CRSS
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=13A
0
0.4
0.8
1.2
1.6
2
2468
10
ID=6.5A
0
0.2
0.4
0.6
0.8
1
0
3
6
9
12
15
VGS=10V
0
3
6
9
12
15
02
46
8
10
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4V
VGS=3.8V
25℃
125℃
-20℃
0
3
6
9
12
15
01
234567
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
VDS, Drain-To-Source Voltage(V)
TJ , Junction Temperature(˚C)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
On-Resistance VS Temperature
On-Resistance VS Gate-To-Source
VGS, Gate-To-Source Voltage(V)
On-Resistance VS Drain Current
ID , Drain-To-Source Current(A)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com