전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV19WS 데이터시트(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

부품명 BAV19WS
상세설명  Plastic-Encapsulate Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
홈페이지  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

BAV19WS 데이터시트(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  BAV19WS Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOD-323 封装二极管/SOD-323 Plastic-Encapsulate Diodes
BAV19WS/BAV20WS/BAV21WS(FAST SWITCHING DIODES)
特点/Features:
速度快;
尺寸小,适合各种有尺寸要求场合;
印章/ Marking:
BAV19WS:
A8
BAV20WS:
T2
BAV21WS:
T3
极限参数/Absolute maximum ratings(Ta=25℃)
参数
符号
BAV19WS
BAV20WS
BAV21WS
单位
Non-Repetitive Peak Reverse Voltage
V
RM
120
200
250
V
Peak Repetitive Peak Reverse Voltage
V
RRM
100
150
250
V
Working Peak Reverse Voltage
V
RWM
100
150
250
V
DC Blocking Voltage
V
R
100
150
250
V
RMS Reverse Voltage
V
R(RMS)
71
106
141
V
Forward Continuous Current
I
FM
400
mA
Average Rectified Output Current
I
O
200
mA
Peak Forward Surge Current
I
FSM
2.5(@=1.0mS)
A
0.5(@=1.0S)
Repetitive Peak Forward Current
I
FRM
625
mA
Power Dissipation
P
D
0.25
W
Thermal Resistance Junction to Ambient Air
R
θJA
500
℃/W
Storage Temperature
Tstg
-55~150
℃
电性能参数/Electrical characteristics (Ta=25℃)
参数/Parameter
符号
测试条件
最大值
单位
正向电压/Forward Voltage
V
F1
I
F=100mA
1.0
V
V
F2
I
F=200mA
1.25
V
反向漏电流/Reverse Current BAV19WS
BAV20WS
BAV21WS
I
R
V
R=100V
0.1
μA
V
R=150V
0.1
μA
V
R=200V
0.1
μA
端电容/Capacitance Between Terminals
C
T
V
R=0,f=1MHz
5
pF
反向恢复时间/Reverse Recovery Time
t
rr
I
F=IR=30mA,
Irr=0.1хI
R, RL=100Ω
50
nS


유사한 부품 번호 - BAV19WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

유사한 설명 - BAV19WS

제조업체부품명데이터시트상세설명
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com