전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IB2002N-6YYD-179 데이터시트(PDF) 1 Page - ILLUMINANT CO., LTD

부품명 IB2002N-6YYD-179
상세설명  Display Format: 20 Characters X 2 line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ILLUMINANT [ILLUMINANT CO., LTD]
홈페이지  http://www.illumin.com.tw
Logo ILLUMINANT - ILLUMINANT CO., LTD

IB2002N-6YYD-179 데이터시트(HTML) 1 Page - ILLUMINANT CO., LTD

  IB2002N-6YYD-179 Datasheet HTML 1Page - ILLUMINANT CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IB2002N-6YYD-179
PAGE:1 / 1
General Specification
l Display Format: 20 Characters X 2 line
l Character Size: 3.20(W) X 5.55(H)mm
l LCM View Area: 83.00(W) X 18.60(H)mm
l General Dimensions: 101.60(W) X 43.60(H) X
14.50MAX(T)mm
l LCD Type: STN(Y-G) Polarizer Mode:
Transflective/Positive
l Connection: COB
l Driving Method: 1/16Duty, 1/4Bias,
VOP :4.3V,VDD: 5.0V
l View Angle: 6 O
clock
l * Operating Temp: -10 To +50ºC
Storage
Temp:
-20 To +70ºC
l Single CHIP : ST7066
l LED Backlight :3.9V~4.3V,150mA / Color
Yellow-Green
Dimension
Pin Description
NO
SYMBOL
I/O
FUNCTION
1
GND
P
GND (0V)
2
VDD
P
DC +5.0V
3
VO
P
Power supply for LCD drive
4
RS
I
Register Select
5
R/W
I
Read/Write
6
E
I
Starts data read/write.
7~14
DB0~DB7
I/O
Used for data transfer and receive
between the MPU and the LSI
15
A(+)
P
LED Anode, power
16
K(-)
P
LED Cathode, ground


유사한 부품 번호 - IB2002N-6YYD-179

제조업체부품명데이터시트상세설명
logo
ILLUMINANT CO., LTD
IB2002N-6GNN-222 ILLUMINANT-IB2002N-6GNN-222 Datasheet
460Kb / 36P
PRODUCT SPECIFICATION
More results

유사한 설명 - IB2002N-6YYD-179

제조업체부품명데이터시트상세설명
logo
ILLUMINANT CO., LTD
IB1601N-6GBL-211 ILLUMINANT-IB1601N-6GBL-211 Datasheet
39Kb / 1P
Display Format: 16 Characters X 1 line
IB1601N-6GYD-213 ILLUMINANT-IB1601N-6GYD-213 Datasheet
40Kb / 1P
Display Format: 16 Characters X 2 line
IB1601N-6YYD-211A ILLUMINANT-IB1601N-6YYD-211A Datasheet
43Kb / 1P
Display Format: 16 Characters X 1 line
IB1602N-6GYD-172A ILLUMINANT-IB1602N-6GYD-172A Datasheet
47Kb / 1P
Display Format: 16 Characters X 2 line
IB1602N-6GYD-214 ILLUMINANT-IB1602N-6GYD-214 Datasheet
41Kb / 1P
Display Format: 16 Characters X 2 line
IB1602N-7FBL-176A ILLUMINANT-IB1602N-7FBL-176A Datasheet
44Kb / 1P
Display Format: 16 Characters X 2 line
IB1602N-7GBL-172 ILLUMINANT-IB1602N-7GBL-172 Datasheet
45Kb / 1P
Display Format: 16 Characters X 2 line
IB1602N-7GBL-176 ILLUMINANT-IB1602N-7GBL-176 Datasheet
47Kb / 1P
Display Format: 16 Characters X 2 line
IB2002N-7FWL-180 ILLUMINANT-IB2002N-7FWL-180 Datasheet
45Kb / 1P
Display Format: 20Characters X 2 line
IB2402N-6GYD-181 ILLUMINANT-IB2402N-6GYD-181 Datasheet
45Kb / 1P
Display Format: 24 Characters X 2 line
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com