| 전자부품 데이터시트 검색엔진 |
|
NUC505-YO2T 데이터시트(PDF) 57 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2T 데이터시트(HTML) 57 Page - Nuvoton Technology Corporation |
|
57 / 130 page ![]() NUC505 July. 26, 2018 Page 57 of 130 Rev.1.08 Pin No. Pin Name Type MFP Description 35 PA.15 I/O MFP0 General purpose digital I/O pin. I2C0_SDA I/O MFP2 I2C0 data input/output pin. SD_DAT1 I/O MFP4 SD/SDH mode data line bit 1. 36 PC.7 I/O MFP0 General purpose digital I/O pin. SD_DAT3 I/O MFP1 SD/SDH mode data line bit 3. 37 PC.8 I/O MFP0 General purpose digital I/O pin. I2S_MCLK O MFP1 I 2S master clock output pin. 38 PC.9 I/O MFP0 General purpose digital I/O pin. I2S_DI I MFP1 I 2S data input. TM2_CNT_OUT I/O MFP2 Timer2 event counter input/toggle output. PWM_CH0 I/O MFP3 PWM channel0 output/capture input. 39 PC.10 I/O MFP0 General purpose digital I/O pin. I2S_DO O MFP1 I 2S data output. TM2_EXT I MFP2 Timer2 external capture input. PWM_CH1 I/O MFP3 PWM channel1 output/capture input. 40 VDD A MFP0 Power supply for I/O ports, DC 3.3V. 41 PB.0 I/O MFP0 General purpose digital I/O pin. I2C0_SCL O MFP2 I2C0 clock pin. UART0_TXD O MFP3 Data transmitter output pin for UART0. SD_DAT2 I/O MFP4 SD/SDH mode data line bit 2. 42 PB.1 I/O MFP0 General purpose digital I/O pin. I2C0_SDA I/O FMP2 I2C0 data input/output pin. UART0_RXD I FMP3 Data receiver input pin for UART0. SD_DAT3 I/O MFP4 SD/SDH mode data line bit 3. 43 PB.2 I/O MFP0 General purpose digital I/O pin. SPI0_SS O MFP1 SPI0 slave select pin. |