| 전자부품 데이터시트 검색엔진 |
|
ICS85222AMLFT 데이터시트(PDF) 1 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS85222AMLFT 데이터시트(HTML) 1 Page - Integrated Circuit Systems |
|
1 / 12 page ![]() 85222AM www.icst.com/products/hiperclocks.html REV. B MARCH 31, 2005 1 Integrated Circuit Systems, Inc. ICS85222 DUAL LVCMOS / LVTTL-TO- DIFFERENTIAL LVHSTL TRANSLATOR GENERAL DESCRIPTION The ICS85222 is a Dual LVCMOS / LVTTL-to- Differential LVHSTL Translator and a member of the HiPerClocks™ family of High Performance Clock Solutions from ICS. The ICS85222 has two single ended clock inputs. The single ended clock input accepts LVCMOS or LVTTL input levels and translates them to LVHSTL levels. The small outline 8-pin SOIC pack- age makes this device ideal for applications where space, high performance and low power are important. For optimum performance, both output pairs need to be terminated, even if one output pair is unused. FEATURES • 2 differential LVHSTL outputs • Selectable CLK0, CLK1 LVCMOS clock inputs • CLK0 and CLK1 can accept the following input levels: LVCMOS or LVTTL • Maximum output frequency: 350MHz • Part-to-part skew: 350ps (maximum) • Propagation delay: 1.3ns (maximum) • V OH: 1.2V (maximum) • 3.3V and 2.5V operating supply • 0°C to 70°C ambient operating temperature • Industrial temperature information available upon request • Lead-Free package fully RoHS compliant BLOCK DIAGRAM PIN ASSIGNMENT ICS85222 8-Lead SOIC 3.90mm x 4.92mm x 1.37mm body package M Package Top View Q0 nQ0 Q1 nQ1 1 2 3 4 Q0 nQ0 Q1 nQ1 CLK0 CLK1 HiPerClockS™ ICS VDD CLK0 CLK1 GND 8 7 6 5 |
유사한 부품 번호 - ICS85222AMLFT |
|
유사한 설명 - ICS85222AMLFT |