전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPD83201C 데이터시트(PDF) 2 Page - Will Semiconductor Ltd.

부품명 SPD83201C
상세설명  1-Line, 1500W, TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLSEMI [Will Semiconductor Ltd.]
홈페이지  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD83201C 데이터시트(HTML) 2 Page - Will Semiconductor Ltd.

  SPD83201C Datasheet HTML 1Page - Will Semiconductor Ltd. SPD83201C Datasheet HTML 2Page - Will Semiconductor Ltd. SPD83201C Datasheet HTML 3Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPD83201C
Will Semiconductor Ltd.
2
Revision 1.1, 2017/11/16
Absolute maximum ratings
Notes :
1. Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each teminal
Electrical characteristics (TA=25 oC, unless otherwise noted)
Part Number
Reverse
Stand off
Voltage
VR
(V)
Breakdown Voltage
VBR@ IT
(V)
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Peak
Pulse
Current
IPP (A)
(A)
Maximum
Reverse
Leakage
IR @ VR
(μA)
MIN
MAX
SPD83201C
20
22.2
25.5
1
32.4
46.3
1
Typical characteristics (TA=25oC, unless otherwise noted)
Rating
Symbol
Value
Units
Peak Pulse Power on 10/1000µs waveform
PPPM
1500
W
Peak Pulse Current of on 10/1000µs waveform
IPPM
46.3
A
Peak Forward Surge Current , 8.3ms Single Half Sine-wave Superimposed on
Rated Load,(JEDEC Method)
IFSM
200
A
Junction Temperature
TJ
-55
~150
Operating Temperature
TOP
-40
~125
Storage Temperature Range
TSTG
-55
~150



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com