전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPD84201C 데이터시트(PDF) 1 Page - Will Semiconductor Ltd.

부품명 SPD84201C
상세설명  1-Line, 3000W, TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLSEMI [Will Semiconductor Ltd.]
홈페이지  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD84201C 데이터시트(HTML) 1 Page - Will Semiconductor Ltd.

  SPD84201C Datasheet HTML 1Page - Will Semiconductor Ltd. SPD84201C Datasheet HTML 2Page - Will Semiconductor Ltd. SPD84201C Datasheet HTML 3Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPD84201C
Will Semiconductor Ltd.
1
Revision 1.2, 2017/11/15
SPD84201C
1-Line, 3000W, TVS
Descriptions
SPD84201C protect sensitive electronics against
voltage transients induced by inductive load switching
and lightning. Ideal for the protection of I/O interfaces,
VCC bus and other integrated circuits.
Features
For surface mount application
Excellent clamping capability
Low profile package
Fast response time: Typically less than
1.0ps from 0V to 22.2V
Low inductance
GPP
Mechanical Data
Case: Molded plastic
Mounting position: Any
Weight: 0.21 grams
http//:www.sh-willsemi.com
SMC
Schematic Diagram
XXXX = Date code
HEV
= Device code
Marking (Top View)
Order information
Device
Package
Shipping
SPD84201C -2/TR
SMC
3000/Tape&Reel
SPD84201C
XXXX
HEV


유사한 부품 번호 - SPD84201C

제조업체부품명데이터시트상세설명
logo
Will Semiconductor Ltd.
SPD84152C WILLSEMI-SPD84152C Datasheet
205Kb / 3P
1-Line, 4000W, TVS
SPD84152C-2/TR WILLSEMI-SPD84152C-2/TR Datasheet
205Kb / 3P
1-Line, 4000W, TVS
SPD84581C WILLSEMI-SPD84581C Datasheet
245Kb / 3P
1-Line, 3000W, TVS
SPD84581C-2/TR WILLSEMI-SPD84581C-2/TR Datasheet
245Kb / 3P
1-Line, 3000W, TVS
More results

유사한 설명 - SPD84201C

제조업체부품명데이터시트상세설명
logo
Will Semiconductor Ltd.
SPD82152BH WILLSEMI-SPD82152BH Datasheet
243Kb / 3P
1-Line, 1000W, TVS
SPD82362B WILLSEMI-SPD82362B Datasheet
462Kb / 3P
1-Line, 600W, TVS
SPD83152C WILLSEMI-SPD83152C Datasheet
351Kb / 3P
1-Line, 1500W, TVS
SPD83201C WILLSEMI-SPD83201C Datasheet
467Kb / 3P
1-Line, 1500W, TVS
SPD83332C WILLSEMI-SPD83332C Datasheet
462Kb / 3P
1-Line, 1500W, TVS
SPD83582C WILLSEMI-SPD83582C Datasheet
250Kb / 3P
1-Line, 1500W, TVS
SPD84581C WILLSEMI-SPD84581C Datasheet
245Kb / 3P
1-Line, 3000W, TVS
SPD85582C WILLSEMI-SPD85582C Datasheet
240Kb / 3P
1-Line, 5000W, TVS
SPD81581A WILLSEMI-SPD81581A Datasheet
184Kb / 4P
1-Line, 400W, TVS
SPD826.52B WILLSEMI-SPD826.52B Datasheet
128Kb / 3P
1-Line, 600W, TVS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com