전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54HC154K1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M54HC154K1
상세설명  RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC154K1 데이터시트(HTML) 1 Page - STMicroelectronics

  M54HC154K1 Datasheet HTML 1Page - STMicroelectronics M54HC154K1 Datasheet HTML 2Page - STMicroelectronics M54HC154K1 Datasheet HTML 3Page - STMicroelectronics M54HC154K1 Datasheet HTML 4Page - STMicroelectronics M54HC154K1 Datasheet HTML 5Page - STMicroelectronics M54HC154K1 Datasheet HTML 6Page - STMicroelectronics M54HC154K1 Datasheet HTML 7Page - STMicroelectronics M54HC154K1 Datasheet HTML 8Page - STMicroelectronics M54HC154K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 154
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9205-023
DESCRIPTION
The M54HC154 is an high speed CMOS 4 TO 16
LINE DECODER/DEMULTIPLEXER fabricated
with silicon gate C2MOS technology.
A binary code applied to the four inputs (A to D)
provides a low level at the selected one of sixteen
outputs excluding the other fifteen outputs, when
both the strobe inputs, G1 and G2, are held low.
When either strobe input is held high, the
decoding function is inhibited to keep all outputs
high. The strobe function makes it easy to expand
the
decoding
lines
through
cascading,
and
simplifies the design of address decoding circuits
in memory control systems.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC154
RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC154D
M54HC154D1
FPC
M54HC154K
M54HC154K1
DILC-24
FPC-24


유사한 부품 번호 - M54HC154K1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M54HC154K STMICROELECTRONICS-M54HC154K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

유사한 설명 - M54HC154K1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
4 TO 16 LINE DECODER/DEMULTIPLEXER
Oct-1993
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
STMicroelectronics
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
M54HC139 STMICROELECTRONICS-M54HC139_04 Datasheet
190Kb / 8P
RAD-HARD DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Mar-2004
logo
NXP Semiconductors
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com