전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPS-M1-040 데이터시트(PDF) 1 Page - D+H Mechatronic AG

부품명 CPS-M1-040
상세설명  SHEV control panel - modular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DH [D+H Mechatronic AG]
홈페이지  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

CPS-M1-040 데이터시트(HTML) 1 Page - D+H Mechatronic AG

  CPS-M1-040 Datasheet HTML 1Page - D+H Mechatronic AG CPS-M1-040 Datasheet HTML 2Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Module sets
Battery
SHEV operation panels
Alarm devices
Sensor systems
Performance features
» Power supply of connected drives with up to 40 A total current
consumption
» Approved by VdS in accordance with EN 12101‑10
» AdComNet bus system for seamless networking of the modules within
the CPS‑M and further D+H AdComNet components
» Bidirectional communication with ACB compatible drives
» Supply connection and communication using integrated plug connectors
» Customisable, programmable control panel functions
» Sleek menu guidance using a 3.5” Full Colour Touch Panel, through
which the system states of the individual modules can be visually
observed
» Freely selectable line/group assignment
» TMA trigger module: 2 independent lines to connect up to
10 SHEV operation panels each and 30 fire detectors
» AM mactuator module: 2 independent groups for connecting drives, each
with a total maximum current of 10 A
CPS-M Series   SHEV control panel - modular
CPS-M1-040
Accessories
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


유사한 부품 번호 - CPS-M1-040

제조업체부품명데이터시트상세설명
logo
D+H Mechatronic AG
CPS-M1-020 DH-CPS-M1-020 Datasheet
961Kb / 2P
SHEV control panel - modular
CPS-M1-020-0202 DH-CPS-M1-020-0202 Datasheet
961Kb / 2P
SHEV control panel - modular
CPS-M1-020-0204 DH-CPS-M1-020-0204 Datasheet
961Kb / 2P
SHEV control panel - modular
CPS-M1-020-0404 DH-CPS-M1-020-0404 Datasheet
961Kb / 2P
SHEV control panel - modular
CPS-M1-020-0606 DH-CPS-M1-020-0606 Datasheet
961Kb / 2P
SHEV control panel - modular
More results

유사한 설명 - CPS-M1-040

제조업체부품명데이터시트상세설명
logo
D+H Mechatronic AG
CPS-M1-020 DH-CPS-M1-020 Datasheet
961Kb / 2P
SHEV control panel - modular
CPS-M1-S DH-CPS-M1-S Datasheet
976Kb / 2P
SHEV control panel - modular
DAC4404-KV2 DH-DAC4404-KV2 Datasheet
315Kb / 2P
SHEV control panel - compact
DAC4408-K DH-DAC4408-K Datasheet
352Kb / 2P
SHEV control panel - compact
DAC4408-M DH-DAC4408-M Datasheet
611Kb / 4P
SHEV control panel - compact
DAC4416-M DH-DAC4416-M Datasheet
417Kb / 2P
SHEV control panel - compact
DAC4503-T DH-DAC4503-T Datasheet
434Kb / 2P
SHEV control panel - compact
RZN4404-KV2 DH-RZN4404-KV2 Datasheet
640Kb / 2P
SHEV control panel - compact
RZN4408-K DH-RZN4408-K Datasheet
737Kb / 2P
SHEV control panel - compact
RZN4503-T DH-RZN4503-T Datasheet
443Kb / 2P
SHEV control panel - compact
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com