| 전자부품 데이터시트 검색엔진 |
|
MSM7577 데이터시트(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7577 데이터시트(HTML) 4 Page - OKI electronic componets |
|
4 / 8 page ![]() MSM7577 ¡ Semiconductor 4/8 ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS Parameter Symbol Min. Max. Unit Power Supply Voltage VDD –0.3 +7.0 V Digital Input Voltage VIND –0.3 VDD + 0.3 V Analog Input Voltage VINA –0.3 VDD + 0.3 V Storage Temperature TSTG –55 +150 °C Parameter Symbol Min. Typ. Max. Unit Condition Operating Temperature Ta –20 25 70 °C — Power Supply Voltage VDD +2.7 +3.00 +5.25 V VDD Analog Output Load Resistance 1 RLA1 600 — — W TAUD Analog Output Load Resistance 2 RLA2 10—— kW Except TAUD pin. |