전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM7321ESKP 데이터시트(PDF) 4 Page - Sinopower Semiconductor Inc

부품명 SM7321ESKP
상세설명  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SINOPWER [Sinopower Semiconductor Inc]
홈페이지  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7321ESKP 데이터시트(HTML) 4 Page - Sinopower Semiconductor Inc

  SM7321ESKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7321ESKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM7321ESKP
www.sinopowersemi.com
4
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.5 - March, 2018
®
Channel 2 Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Channel 2
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
-
-
1
mA
TJ=85°C
-
-
30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.3
1.7
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=10V, IDS=30A
-
2.4
2.9
m
W
TJ=125°C
-
3.5
-
VGS=4.5V, IDS=20A
-
3
3.75
Gfs
Forward Transconductance
VDS=5V, IDS=20A
-
43
-
S
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=20A, VGS=0V
-
0.8
1.1
V
trr
Reverse Recovery Time
IDS=30A, dlSD/dt=100A/ms
-
46.7
-
ns
ta
Charge Time
-
24.8
-
tb
Discharge Time
-
22
-
Qrr
Reverse Recovery Charge
-
31.2
-
nC
Dynamic Characteristics
e
RG
Gate Resistance
VGS=0V,VDS=0V, F=1MHz
-
1
2
W
Ciss
Input Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
2775
3608
pF
Coss
Output Capacitance
-
1595
-
Crss
Reverse Transfer Capacitance
-
105
-
td(ON)
Turn-on Delay Time
VDD=15V, RL=15W,
IDS=1A, VGEN=10V,
RG=1W
-
17
31
ns
tr
Turn-on Rise Time
-
10.5
19
td(OFF)
Turn-off Delay Time
-
37.6
68
tf
Turn-off Fall Time
-
35.8
65
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=15V, VGS=4.5V,
IDS=30A
-
18.6
-
nC
Qg
Total Gate Charge
VDS=15V, VGS=10V,
IDS=30A
-
40.7
57
Qgth
Threshold Gate Charge
-
4.2
-
Qgs
Gate-Source Charge
-
8.4
-
Qgd
Gate-Drain Charge
-
4.8
-
Note d:Pulse test; pulse width
£300ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com