전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPD9231B-2/TR 데이터시트(PDF) 4 Page - Will Semiconductor Ltd.

부품명 SPD9231B-2/TR
상세설명  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLSEMI [Will Semiconductor Ltd.]
홈페이지  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9231B-2/TR 데이터시트(HTML) 4 Page - Will Semiconductor Ltd.

  SPD9231B-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9231B-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9231B-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9231B-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPD9231B
Will Semiconductor Ltd.
4
Revision 1.4, 2018/01/15
Package outline dimensions
SMB
Recommend land pattern (Unit: mm)
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
4.30
4.50
4.70
B
3.30
3.50
3.70
C
2.00
2.15
2.30
D
5.05
5.30
5.55
E
0.10
0.20
0.30
F
0.95
1.25
1.55
G
0.20 Max.
H
2.10
2.30
2.50
I
1.85
2.00
2.15



Html Pages

1 2 3 4