전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CL596MTR 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STP16CL596MTR
상세설명  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CL596MTR 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STP16CL596MTR Datasheet HTML 10Page - STMicroelectronics STP16CL596MTR Datasheet HTML 11Page - STMicroelectronics STP16CL596MTR Datasheet HTML 12Page - STMicroelectronics STP16CL596MTR Datasheet HTML 13Page - STMicroelectronics STP16CL596MTR Datasheet HTML 14Page - STMicroelectronics STP16CL596MTR Datasheet HTML 15Page - STMicroelectronics STP16CL596MTR Datasheet HTML 16Page - STMicroelectronics STP16CL596MTR Datasheet HTML 17Page - STMicroelectronics STP16CL596MTR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STP16CL596
15/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11.0
0.425
0.433
Bo
15.7
15.9
0.618
0.626
Ko
2.9
3.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-24 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18