전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM5209 데이터시트(PDF) 4 Page - Excelliance MOS Corp.

부품명 EM5209
상세설명  Dual Channel, Ultra-Low Resistance Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELLIANCE [Excelliance MOS Corp.]
홈페이지  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5209 데이터시트(HTML) 4 Page - Excelliance MOS Corp.

  EM5209 Datasheet HTML 1Page - Excelliance MOS Corp. EM5209 Datasheet HTML 2Page - Excelliance MOS Corp. EM5209 Datasheet HTML 3Page - Excelliance MOS Corp. EM5209 Datasheet HTML 4Page - Excelliance MOS Corp. EM5209 Datasheet HTML 5Page - Excelliance MOS Corp. EM5209 Datasheet HTML 6Page - Excelliance MOS Corp. EM5209 Datasheet HTML 7Page - Excelliance MOS Corp. EM5209 Datasheet HTML 8Page - Excelliance MOS Corp. EM5209 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2014/02/24
A.3
4
EM5209
VBIAS= 2.5V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Supplies and Currents Section
VBIAS Quiescent current
(both channels)
IBIAS-ON-both
IOUT1 = IOUT2 = 0,
VIN1,2 = VON1,2 = VBIAS = 2.5V
25
37
uA
VBIAS Quiescent current
(single channel)
IBIAS-ON-single
IOUT1 = IOUT2 = 0, VON2 = 0V
VIN1,2 = VON1 = VBIAS = 2.5V
20
uA
VBIAS Shutdown current
IBIAS-OFF
VOUT1,2 = 0V, VON1,2 = 0V
VIN1,2 = VBIAS = 2.5V
2
uA
VIN1,2 Off state supply
current (per channel)
IVIN-OFF
VOUT1,2 = 0V,
VON1,2 = 0V
VIN1,2 = 2.5V
2
uA
VIN1,2 = 1.8V
2
VIN1,2 = 1.2V
2
VIN1,2 = 0.8V
1
ON pin leakage current
ION
VON = 5.5V
1
uA
Resistance Section
ON-state Resistance
RON
IOUT=200mA,
VBAIS = 2.5V
VIN = 2.5V
22
29
VIN = 1.8V
22
29
VIN = 1.5V
22
29
VIN = 1.2V
22
29
VIN = 0.8V
22
29
Output Pull-down
Resistance
RPD
VIN = 2.5V, VON = 0V, IOUT = 1mA
260
320
Ω
Over Temperature Protection
Over Temperature
Protection
TOTP
150
Hysteresis
THYS
30
Switching Timing Diagrams
Switching characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VIN=VON=VBIAS=5V, TA=25°°°°C
Turn-on time
TON
RL=10Ω, CL=0.1uF, CT=1000pF
1210
uS
Turn-off time
TOFF
RL=10Ω, CL=0.1uF, CT=1000pF
6
uS
Vout Rising time
TR
RL=10Ω, CL=0.1uF, CT=1000pF
1370
uS
Vout falling time
TF
RL=10Ω, CL=0.1uF, CT=1000pF
2
uS
ON Delay time
TD
RL=10Ω, CL=0.1uF, CT=1000pF
460
uS



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com